Part Number Hot Search : 
KA556ID A1232 SC68C 7C128A 02014 JCPS2R T1016 48D05
Product Description
Full Text Search
 

To Download CL-203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Infrared Emitting Diodes(GaAlAs)
K DNH OESI
CL-203
DIMENSIONS
The CL-203 is a high-power GaAlAs IRED, with precision optical designed lens. It emits parallel infrared lights.
(Unit : mm)
FEATURES
UParallel rays UHigh reliability UFlat radiation pattern U ompact C
APPLICATIONS
UEncoders UHigh performance-linear sensor
MAXIMUM RATINGS
Item
Reverse voltage Forward current Pulse forward current Power dissipation Operating temp. Storage temp. *1 Soldering temp.
(Ta=2...) 5
Symbol
VR F I F IP PC Topr. Tstg. Tsol.
Rating
5 80 800 160 -40~+100 -55~+125 260
Unit
V mA mA mW ... ... ...
*1. For MAX.5 seconds at the position of 2 mm from the package
ELECTRO-OPTICAL CHARACTERISTICS
Item
Forward voltage Reverse current Capacitance Radiant intensity Peak emission wavelength Spectral bandwidth 50% Half angle
(Ta=2...) 5
Symbol
VF R I Ct PO *Ip **I *E
Conditions
F= I 50mA VR=5V f=1MHz F= I 50mA F= I 50mA F= I 50mA
Min.
Typ.
1.4 18 2.8 880 50
Max.
2.0 10
Unit.
V *I A pF mW/sr nm nm deg.
ae9
- 1-
Infrared Emitting Diodes(GaAlAs)
CL-203
Power dissipation Vs. Ambient temperature
Radiant intensity Vs. Forward current
Relative radiant intensity Vs. Ambient temperature
Relative intensity Vs. Wavelength
Forward current Vs. Forward voltage
Relative radiant intensity Vs. Distance
- 2-


▲Up To Search▲   

 
Price & Availability of CL-203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X